Part Number Hot Search : 
MAX14571 HCT2G 52301 MCY74724 CJF31 LS1241 GL8T040 48R064
Product Description
Full Text Search
 

To Download EL1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 copyright ? 2010, everlig ht all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com 4 pin long creepage sop phototransistor p h otocoupler el 101x - g series features: ? compliance halo g en free (br < 900 ppm , cl < 900 ppm , br + cl < 1500 ppm ) ? current transfer ratio (ctr: 5 0 ~600 % at i f = 5 ma , v ce = 5v) (ctr: 63~320% at i f = 10 ma , v ce = 5v) ? high isolation voltage between input and output (viso = 500 0 v rms ) ? compact 4 pin s op with a 2.0 mm profile ? compliance with eu reach ? 8mm long cre epage distance ? the product itself will remain within rohs compliant version ? ul and cul approved (no. e214129) ? vde approved ( no. 40028391 ) ? semko approved ? nemko approved ? demko approved ? fimko approved ? cqc approved description the el101x - g series devices con s ist of an infrared emitting diode , optically coupled to a phototransistor detector . compound use free halogens and sb 2 o 3 . they are packaged in a 4 - pin sop package applications ? programmable controllers ? system appliances, measuring instru ments ? telecommunication equipments ? h ome appliances, such as fan heaters, etc. ? signal transmission between circuits of different potentials and impedances schematic pin configuration 1. anode 2. cathode 3 . emitter 4 . collector ver.:8 release date:05/04/2017 B:approved(?l)
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 2 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com absolute maximum ratings (ta=25 ) parameter symbol rating unit input forward current i f 6 0 ma peak forward current (1us, pulse) i fp 1 .5 a reverse voltage v r 6 v power d issipation p d 10 0 mw output p ower dissipation p c 150 mw collector current i c 50 ma collector - emi tter voltage v ceo 80 v emitter - collector voltage v e c o 7 v total power dissipation p tot 2 5 0 mw isolation voltage * 1 v iso 500 0 vrms operating temperature t opr - 55 to 110 c storage temperature t stg - 55 to 125 c soldering temperature * 2 t sol 260 c n otes * 1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this test, pins 1, 2 are shorted together, and pins 3, 4 are shorted together. * 2 for 10 seconds a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 3 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com electro - optical characteristics (ta=25 unless specified o therwise ) input parameter symbol min. t yp. max. unit condition forward voltage v f - 1.45 1. 5 v i f = 5 0ma reverse current i r - - 10 a v r = 6v input ca pacitance c in - 5 0 - pf v = 0, f = 1 k hz output parameter symbol min typ. max. unit condition collector - emitter dark current i ceo - - 100 na v c e = 20 v , i f = 0ma collector - e mitter breakdown voltage bv ceo 80 - - v i c = 0.1 ma emitter - c ollector breakdown voltage bv eco 7 - - v i e = 0.1ma transfer characteristics parameter symbol min typ. max. unit condition current t ransfer ratio EL1010 ctr 50 - 600 % i f = 5 ma ,v ce = 5 v el1017 80 - 160 el1018 130 - 260 el1019 200 - 400 el1012 ctr 63 - 125 % i f = 10 ma ,v ce = 5 v el1013 100 - 200 el1014 160 - 320 el1012 22 - - i f = 1 ma ,v ce = 5 v el1013 34 - - el1014 56 - - collector - e mitter saturation voltage v ce(sat) - - 0.3 v i f = 1 0 ma ,i c = 1 ma isolation resistance r io 510 10 - - ? v io = 500v dc , 40~60% r.h. floating capacitance c io - - 1.0 pf v io = 0, f = 1mhz a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 4 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com transfer characteristics parameter symbol min t yp. * max. unit condition turn on time ton - 4 - s v ce = 5 v , i c = 5 ma, r l = 100 ? turn off time toff - 3 - rise time t r - - 18 s v ce = 5 v , i c = 5 ma, r l = 100 ? fall time t f - - 18 * typical values at t a = 25c a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 5 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com typical electro - optical characteristics curves a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 6 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com figure 11 . switching time test circuit & waveforms i f i c r l r in v cc output input input pulse output pulse 10% 90% t f t r t off t on a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 7 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com order information part number el 101x(y) - vg note s el101 = part no. x . = ctr rank (0, 2, 3, 4, 7, 8 or 9) y . = tape and reel option (ta, tb or none) v . = vde safety (optional) g . = h alogens free option description packing quantity none standard smd option 100 units per tube - v standard smd option + vde 100 units per tube ( ta ) ta t ape & r eel option 3000 units per reel ( tb ) tb t ape & reel option 3000 units per reel ( ta ) - v ta t ape & reel option + vde 3000 units per reel ( tb ) - v tb t ape & reel option + vde 3000 units per reel a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 8 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com package dimension (dimensions in mm) recommended pad layout for surface mount leadform notes suggested pad dimension is just for reference only. please modify the pad dimension based on i ndividual need. a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 9 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com device marking notes el denotes everlight 1015 denotes device number y denotes 1 digit year code ww denotes 2 digit week code v denotes vde (optional) a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 10 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com tape & reel packing specifications tape dimensions dimension no. a o b o d o d1 e f dimension (mm) 3.9 0.1 0 10.82 0.10 1.5 0.1 0 1.5 0.1 0 1.75 0.1 0 7.5 0.1 0 dimension no. po p p2 t w k o dimension (mm) 4.0 0.1 0 8 .0 0.1 0 2.0 0.1 0 0.4 0.0 5 16 .0 0. 30 2. 25 0.1 0 option t b direction of feed from reel direction of feed from reel option ta a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 11 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com precautions for use 1. soldering condition 1.1 (a) maximum body case temperature profile for evaluation of reflow profile note s reference: ipc/jedec j - std - 020d preheat temperature min (t s min ) 150 c temperature max (t smax ) 200c time (t smin to t smax ) (t s ) 60 - 120 seconds average ramp - up rate (t smax to t p ) 3 c/second max other liquidus temperature (t l ) 217 c time above liquidus temperature (t l ) 60 - 1 0 0 sec peak temperature ( t p ) 260c time within 5 c of actual peak temperature: t p - 5c 30 s ramp - down rate from peak temperature 6c /second max. time 25c to peak temperature 8 minutes max. reflow times 3 times . a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*
datasheet 4 pin long cree page sop phototransistor p h otocoupler el101x - g series 12 copyright ? 2010, everlight all rights res erved. release date: a pril 2 7 , 2017 . issue no: dpc - 0000037 rev. 8 www.everlight.com disclaimer 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. the graphs shown in this datasheet are representing typical data only and do not show guaranteed values. 3. when using this product, please observe th e absolute maximum ratings and the instructions for use outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instruction s included in these specification sheets. 4. these specification sheets include materials protected under copyright of everlight. reproduction in any form is prohibited without the specific consent of everlight. 5. this product is not intended to be used for mil itary, aircraft, automotive, medical, life sustaining or life saving applications or any other application which can result in human injury or death. please contact authorized everlight sales agent for special application request. 6. statements regarding the suitability of products for certain types of applications are based on everlights knowledge of typical requirements that are often placed on everlight products in generic applications. such statements are not binding statements about the suitability of pr oducts for a particular application. it is the customers responsibility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and /or specifications may vary in different applications and performance may vary over time. all operating parameters, including typical parameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify everlights terms and conditions of purchase, including but not limited to the warranty expressed therein . a wfs/;9!!!!!sfmfbtf!ebuf;1601503128!!!!!!bh0;bqqspwfe); .f$w?*


▲Up To Search▲   

 
Price & Availability of EL1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X